Part Number Hot Search : 
AM29F200 G910TD1B 0EL51MNR G910TD1B AD7397AR 15108P H8S2370R 232015JP
Product Description
Full Text Search
 

To Download 00345717XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
SMD-FTT
www.schurter.com/pg0_2
Surface Mount Fuse, 5 x 20 mm, Super-Time-Lag TT, L, 250 VAC, Au plating
UL 248-14 * 250 VAC * Super-Time-Lag TT
Description Standards Approvals
-Directlysolderableonprintedcircuitboards -UL248-14 -CSAC22.2no.248.14 -ULFileNumber:E41599 GeneralProductInformation PackagingDetails
References Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Housing Material:Terminals UnitWeight StorageConditions ProductMarking 250VAC 0.16-4A 35A Super-Time-LagTT PCB,SMT -55Cto125C 55/125/21acc.toIEC60068-1 Glass Gold-PlatedCopperAlloy 1.11g 0Cto60C,max.70%r.h. ,Current,Voltage,Characteristic, BreakingCapacity SolderingMethods Solderability ResistancetoSolderingHeat ResistancetoVibration LifeTest LoadHumidityTest MoistureResistanceTest TerminalStrength ThermalShock Reflow 245C/3secacc.toIEC60068-2-58, TestTd 260C/10secacc.toIEC60068-2-58, TestTd acc.toIEC60068-2-6,testFc MIL-STD-202,Method108A (1000h@0.42*In@70C) MIL-STD-202,Method103B (1000h@0.1*In@0.85r.H.@85C) MIL-STD-202,Method106E (50cyclesinatemp./misterchamber) MIL-STD-202,Method211A (Deflectionofboard1mmfor1minute) MIL-STD-202,Method107D (200air-to-aircyclesfrom-55to +125C) acc.toEIA/IS-722,Test4.7 >100M(betweenleedsandbody) MIL-STD-202,Method215A min.UL94V-1 (acc.toEIA/IS-722,Test4.12)
CaseResistance ResistancetoSolvents Flammability
Dimensions
20mm
10 0.2
+0.1 -0.2
o 5.2
5 5.5 20 0.5
Solderingpads
9.5
5.5
Fuses
SMD-FTT
www.schurter.com/pg0_2 Pre-Arcing Time
Rated Current In 0.16A-4A .5 x In min. 2. x In max. 60min 30min 2.75 x In min. 5s 2.75 x In max. 200s 4.0 x In min. 4.0 x In max. 1.5s 40s 0.0 x In min. 150ms 0.0 x In max. 3s
Non resettable fuses
Variants
Rated Current [A] Rated Voltage [VAC] Breaking Capacity Voltage Drop .0 In max. [mV] 2000 1500 1200 1000 900 800 700 500 250 200 200 200 150 100 100 Voltage Drop .0 In typ. [mV] 450 400 330 300 225 250 200 160 150 105 100 100 90 90 80 Power Dissipation .5 In typ. [mW] 300 330 350 360 400 440 470 540 540 350 650 800 850 1000 1150 Melting It 0.0 Intyp. [As] 1 1.73 2.53 4.17 5.2 7.9 13.7 19.6 19.4 63 87 124 258 395 410 l l l l l l l l l l l l l l l Order Number
0.16 0.2 0.25 0.315 0.4 0.5 0.63 0.8 1 1.25 1.6 2 2.5 3.15 4 1)35A@250VAC
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1) 1)
0034.5705.xx 0034.5706.xx 0034.5707.xx 0034.5708.xx 0034.5709.xx 0034.5710.xx 0034.5711.xx 0034.5712.xx 0034.5713.xx 0034.5714.xx 0034.5715.xx 0034.5716.xx 0034.5717.xx 0034.5718.xx 0034.5719.xx
Packaging Unit
.xx=.11PlasticBag(100pcs.) .xx=.22BlisterTape38cmReel(1000pcs.)
Time-Current-Curves
100000 0.1 A > _ 0.125 A
10000
1000
100
TimeinSeconds
10
1
0.1
0.01
0.001 1
10
MultipleofRatedCurrentIn
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 00345717XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X